Part Number Hot Search : 
PC35005 RC606 MMBD4 M2904 2SA2065 NJU709XD BR2035 ST6200C
Product Description
Full Text Search
 

To Download M25SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Spice Model
M25SG
P a rt Number
Working Reverse Voltage (Vrwm)
Average Rectified Current (Io )
Reverse Current @ Vrwm (Ir)
Forward Voltage (V f) 25C Volts mA
1 Cycle Repetitive Reverse Surge Surge Recovery Current Current Time tp=8.3ms (3) (Ifsm) (Ifrm) (Trr) 25C Amps 25C Amps 25C ns
Thermal Impedance
J-L
Junction Cap. @50VDC @ 1kHZ (Cj) 25C pF
55C(1) 100C(2) 25C 100C Volts M25SG mAmps mAmps A A
L=.000 L=.125 L=.250 C/W C/W C/W
2500
100
50
0.1
10
6
25
8.0
1.2
3000
18
30
50
2.0
.130(3.30) MAX.
A
Part M25SG M50SG M100SG
A .300(7.62) MAX. .350(8.89) MAX .
1.00(25.4) MIN.
.020 .003 (.50 .08)
M160SG
IS N T RS TT C J0 VJ M EG X TI KF AF FC BV IBV
Reverse leakage current Emission coefficient Temperature Diode series resistance Transit time Zero-bias junction capacitance Bulk junction potential Grading coefficient Energy-band gap Temperature coefficient Flicker-noise coefficient Flicker-noise exponent Coefficient for capacitance Diode breakdown voltage Diode breakdown current
1.00E-07 9.5 25 0.3 3000 2.22 6.76 0.5 1.11 3 0 1 0.5 3600 100
Amps
C Ohm nS pF Volts
Volts
Volts uAmps
Voltage Multipliers, Inc. 8711 W. Roosevelt Ave. Visalia, CA 93291
Tel (559) 651-1402 Fax (559) 651-0740 www.voltagemultipliers.com


▲Up To Search▲   

 
Price & Availability of M25SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X